Part Number Hot Search : 
2SK3505 2SC28 688AU MB91F MUR810 67040 XN04604 AS15DC
Product Description
Full Text Search
 

To Download SN5474LS280 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SN54/74LS280 9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
The SN54 / 74LS280 is a Universal 9-Bit Parity Generator / Checker. It features odd / even outputs to facilitate either odd or even parity. By cascading, the word length is easily expanded. The LS280 is designed without the expander input implementation, but the corresponding function is provided by an input at Pin 4 and the absence of any connection at Pin 3. This design permits the LS280 to be substituted for the LS180 which results in improved performance. The LS280 has buffered inputs to lower the drive requirements to one LS unit load.
9-BIT ODD / EVEN PARITY GENERATORS/ CHECKERS
LOW POWER SCHOTTKY
* * * * *
Generates Either Odd or Even Parity for Nine Data Lines Typical Data-to-Output Delay of only 33 ns Cascadable for n-Bits Can Be Used To Upgrade Systems Using MSI Parity Circuits Typical Power Dissipation = 80 mW
INPUTS VCC 14 F 13 F G H 1 G 2 H 3 NC I E 12 E D 11 D C 10 C B 9 B A A 8
J SUFFIX CERAMIC CASE 632-08
14 1
14 1
N SUFFIX PLASTIC CASE 646-06
EVEN ODD
4 5 6 7 GND I INPUT EVEN ODD OUTPUTS
14 1
D SUFFIX SOIC CASE 751A-02
INPUTS
ORDERING INFORMATION FUNCTION TABLE
NUMBER OF INPUTS A THRU 1 THAT ARE HIGH 0, 2, 4, 6, 8 1, 3, 5, 7, 9
H = HIGH Level, L = LOW Level
OUTPUTS EVEN H L ODD L H
SN54LSXXXJ SN74LSXXXN SN74LSXXXD
Ceramic Plastic SOIC
GUARANTEED OPERATING RANGES
Symbol VCC TA IOH IOL Supply Voltage Operating Ambient Temperature Range Output Current -- High Output Current -- Low Parameter 54 74 54 74 54, 74 54 74 Min 4.5 4.75 - 55 0 Typ 5.0 5.0 25 25 Max 5.5 5.25 125 70 - 0.4 4.0 8.0 Unit V C mA mA
FAST AND LS TTL DATA 5-1
SN54/74LS280
FUNCTIONAL BLOCK DIAGRAM
A (8) B (9) (5) EVEN
C (10)
D E F
(11) (12) (13) (6) ODD
G H
(1) (2)
I (4)
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Limits Symbol S bl VIH VIL VIK VOH Parameter P Input HIGH Voltage 54 Input LOW Voltage 74 Input Clamp Diode Voltage 54 Output HIGH Voltage 74 54, 74 VOL Output LOW Voltage 74 Input HIGH Current 0.1 Input LOW Current Short Circuit Current (Note 1) Power Supply Current - 20 - 0.4 - 100 27 0.35 0.5 20 IIH IIL IOS ICC V A mA mA mA mA 2.7 3.5 0.25 0.4 V V 2.5 - 0.65 3.5 0.8 - 1.5 V V Min 2.0 0.7 V Typ Max Unit Ui V Test C di i T Conditions Guaranteed Input HIGH Voltage for All Inputs Guaranteed Input LOW Voltage for p g All Inputs VCC = MIN, IIN = - 18 mA VCC = MIN, IOH = MAX, VIN = VIH , , or VIL per Truth Table IOL = 4.0 mA IOL = 8.0 mA VCC = VCC MIN, VIN = VIL or VIH per Truth Table
VCC = MAX, VIN = 2.7 V VCC = MAX, VIN = 7.0 V VCC = MAX, VIN = 0.4 V VCC = MAX VCC = MAX
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS (TA = 25C, VCC = 5.0 V)
Limits Symbol S bl tPLH tPHL tPLH tPHL Parameter P Propagation Delay, Data to Output EVEN Propagation Delay, Data to Output ODD Min Typ 33 29 23 31 Max 50 45 35 50 Unit Ui ns CL = 15 pF ns Test C di i T Conditions
FAST AND LS TTL DATA 5-2


▲Up To Search▲   

 
Price & Availability of SN5474LS280

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X